Part Number Hot Search : 
ST63P26 AD8322 4VHC2 V0DS00 20200C TP17LT F101A 1N473
Product Description
Full Text Search
 

To Download 2SB645 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB645
DESCRIPTION With TO-3 package High power dissipation APPLICATIONS For power switching and general purpose applications
PINNING(see Fig.2) PIN 1 2 3 Base Emitter Fig.1 simplified outline (TO-3) and symbol Collector DESCRIPTION
Absolute maximum ratings(Ta=ae )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg

PARAMETER Open base
CONDITIONS Open emitter
Collector-base voltage
HAN INC
Collector-emitter voltage Emitter-base voltage Collector current Base current
SEM GE
OND IC
TOR UC
VALUE -200 -200 -5 -15 -5
UNIT V V V A A W ae ae
Open collector
Collector power dissipation Junction temperature Storage temperature
TC=25ae
150 150 -65~150
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB645
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER CONDITIONS MIN TYP. MAX UNIT
SYMBOL
V(BR)CEO
Collector-emitter breakdown voltage
IC=-50mA ;IB=0
-200
V
V(BR)EBO VCEsat
Emitter-base breakdown voltage
IE=-1mA ;IC=0 IC=-10A; IB=-1A
-5
V
Collector-emitter saturation voltage
-3.0
V
ICBO
Collector cut-off current
VCB=-200V; IE=0
-0.1
mA
IEBO
Emitter cut-off current
VEB=-6V; IC=0
-0.1
mA
hFE
DC current gain
IC=-1A ; VCE=-5V
40
140
fT
Transition frequency
hFE Classifications R 40-80 O

70-140
IC=-0.5A ; VCE=-10V
HAN INC
SEM GE
OND IC
TOR UC
12
MHz
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB645
SEM GE
HAN INC
OND IC
TOR UC
Fig.2 outline dimensions (unindicated tolerance:A
0.1mm)
3


▲Up To Search▲   

 
Price & Availability of 2SB645

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X